Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TIW-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3TIW-RZ
Description  3 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TIW-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM3TIW-RZ_16 Datasheet HTML 1Page - AIMTEC AM3TIW-RZ_16 Datasheet HTML 2Page - AIMTEC AM3TIW-RZ_16 Datasheet HTML 3Page - AIMTEC AM3TIW-RZ_16 Datasheet HTML 4Page - AIMTEC AM3TIW-RZ_16 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM3TIW-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full | No Load
(mA)
Efficiency
(%)
AM3TIW-4812DH30-RZ
18-75
±12
±125
3000
±100
78
7
81
AM3TIW-4815DH30-RZ
18-75
±15
±100
3000
±100
78
7
81
AM3TIW-4824DH30-RZ
18-75
±24
±63
3000
±47
81
10
79
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-75
Filter
 (Pi) Network
Startup time
20
ms
Absolute Maximum Rating
24 Vin
48 Vin
50
100
VDC
Input Reflected Ripple Current
Refer to
application circuit
20
mA p-p
Under Voltage Lockout
24 Vin
48 Vin
(Model On / Off) 8.5 / 7.0
(Model On / Off) 16.5 / 14.5
VDC
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500 or 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Voltage balance
±2
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Over load protection
160% Iout
Line voltage regulation
±0.5
%
Load voltage regulation
0 – 100% load
±1.2
%
Transient Recovery Time
300
µsec
Transient Deviation
±3
(Single output 3.3V) ±5
%
Cross Regulation (Dual)
25% min load one
output & 100%
load on other
±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise *
80
(24V dual Models) 100
mV p-p
*- 20MHz Bandwidth measured with 1µf capacitor
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Derating above 70
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic (UL94V-0 rated)
Weight
13
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com