Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TW-R-Z Datasheet(PDF) 3 Page - AIMTEC

Part # AM3TW-R-Z
Description  3 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-R-Z Datasheet(HTML) 3 Page - AIMTEC

  AM3TW-R-Z_16 Datasheet HTML 1Page - AIMTEC AM3TW-R-Z_16 Datasheet HTML 2Page - AIMTEC AM3TW-R-Z_16 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM3TW-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 3
North America only
Pin Out Specifications
Dimensions
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release.
6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.
Pin
1500VDC
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
22.90
(0.90)
2.54
(0.10)
5.08
(0.20)
Printed Face
Built-in Stand-offs to
ease PCB cleaning
0.50
(0.02)
31.80
(1.25)
Bottom View
23
9
11
14
16
22
23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com