Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3T-1209S-RZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3T-1209S-RZ
Description  3 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-1209S-RZ Datasheet(HTML) 3 Page - AIMTEC

  AM3T-1209S-RZ Datasheet HTML 1Page - AIMTEC AM3T-1209S-RZ Datasheet HTML 2Page - AIMTEC AM3T-1209S-RZ Datasheet HTML 3Page - AIMTEC AM3T-1209S-RZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM3T-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 4
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Case material
Nickel-coated copper
Weight
17
g
Dimensions(L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.28 x 0.84 x 0.41 inches
32.25 x 21.35 x 10.5 mm
MTBF
>1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
CE
Safety standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: also designed to meet IEC 60950-1:2001
Pin Out Specifications
Dimensions
Test Circuits
Conducted Emissions:
Pin
1500VDC
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
27.96
(1.10)
2.54
(0.10)
Printed Face
Built-in Stand-offs to
ease PCB cleaning
0.50
(0.02)
32.25
(1.28)
Bottom View
2 3
911
14
16
22
23
All dimensions are typical: millimeters (inches)
Pin Diameter: 0.50 ± 0.05 (0.02 ± 0.002)
Pin Pitch Tolerance: ± 0.35 (±0.014)
Case Tolerence: ± 0.5 (±0.02)
1
24
10
12
15
13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com