Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3T-1212S-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3T-1212S-RZ
Description  3 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-1212S-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM3T-1212S-RZ Datasheet HTML 1Page - AIMTEC AM3T-1212S-RZ Datasheet HTML 2Page - AIMTEC AM3T-1212S-RZ Datasheet HTML 3Page - AIMTEC AM3T-1212S-RZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3T-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive load,
max (μF)
Efficiency
(%)
AM3T-4803D-RZ
36-72
±3.3
±450
1500
±220
72
AM3T-4805D-RZ
36-72
±5
±300
1500
±220
76
AM3T-4807D-RZ
36-72
±7.2
±208
1500
±33
78
AM3T-4809D-RZ
36-72
±9
±167
1500
±33
78
AM3T-4812D-RZ
36-72
±12
±125
1500
±22
80
AM3T-4815D-RZ
36-72
±15
±100
1500
±22
80
AM3T-4818D-RZ
36-72
±18
±84
1500
±10
78
AM3T-4824D-RZ
36-72
±24
±63
1500
±10
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
9-18
18-36
36-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
-0.7-24
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Case/ Input & Output
1000
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance Dual output
±1
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Current limiting
120% of Iout max
Line voltage regulation
LL-HL
±0.5
%
Load voltage regulation
Load: 10…100%
±0.5
%
Load voltage regulation 3.3V/±3.3V
Models
Load: 10…100%
±1.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
266
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
% RH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com