Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3T-4818S-RVZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3T-4818S-RVZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-4818S-RVZ Datasheet(HTML) 3 Page - AIMTEC

  AM3T-4818S-RVZ Datasheet HTML 1Page - AIMTEC AM3T-4818S-RVZ Datasheet HTML 2Page - AIMTEC AM3T-4818S-RVZ Datasheet HTML 3Page - AIMTEC AM3T-4818S-RVZ Datasheet HTML 4Page - AIMTEC AM3T-4818S-RVZ Datasheet HTML 5Page - AIMTEC AM3T-4818S-RVZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM3T-RVZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 6
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Balanced Load
±1
%
Short circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
±0.5
%
Load voltage regulation
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise*
At 20MHz Bandwidth
60
mV p-p
*
In order to achieve ripple and noise specification, a 100μF capacitor is required to be connected to the output of the converter
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100-400
KHz
Operating temperature
Full Load (see derating chart)
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Weight
12.16
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.8 x 0.4 inches
31.75 x 20.32 x 10.16 mm
MTBF
>1,000,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Agency approvals
CE
Standards
Designed to meet IEC 60950-1
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Pin Out Specifications
Pin
1500 VDC
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com