Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM341
Description  3-Terminal Positive Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM341 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM341 Datasheet HTML 1Page - National Semiconductor (TI) LM341 Datasheet HTML 2Page - National Semiconductor (TI) LM341 Datasheet HTML 3Page - National Semiconductor (TI) LM341 Datasheet HTML 4Page - National Semiconductor (TI) LM341 Datasheet HTML 5Page - National Semiconductor (TI) LM341 Datasheet HTML 6Page - National Semiconductor (TI) LM341 Datasheet HTML 7Page - National Semiconductor (TI) LM341 Datasheet HTML 8Page - National Semiconductor (TI) LM341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the −40˚C to +125˚C operating temperature
range. Limits are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC)
methods. (Continued)
LM341-12, LM78M12C
Unless otherwise specified: V
IN = 19V, CIN = 0.33 µF, CO = 0.1 µF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
I
L= 500 mA
11.5
12
12.5
V
5mA
≤ I
L ≤ 500 mA
11.4
12
12.6
P
D ≤ 7.5W, 14.8V ≤ VIN ≤ 27V
V
R LINE
Line Regulation
14.5V
≤ V
IN ≤ 30V
I
L = 100 mA
120
mV
I
L = 500 mA
240
V
R LOAD
Load Regulation
5 mA
≤ I
L ≤ 500 mA
240
I
Q
Quiescent Current
I
L = 500 mA
4
10.0
mA
∆I
Q
Quiescent Current Change
5 mA
≤ I
L ≤ 500 mA
0.5
14.8V
≤ V
IN ≤ 30V, IL = 500 mA
1.0
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
75
µV
Ripple Rejection
f = 120 Hz, I
L = 500 mA
71
dB
V
IN
Input Voltage Required
I
L = 500 mA
14.5
V
to Maintain Line Regulation
∆V
O
Long Term Stability
I
L = 500 mA
48
mV/khrs
LM341-15, LM78M15C
Unless otherwise specified: V
IN = 23V, CIN = 0.33 µF, CO = 0.1 µF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
I
L= 500 mA
14.4
15
15.6
V
5mA
≤ I
L ≤ 500 mA
14.25
15
15.75
P
D ≤ 7.5W, 18V ≤ VIN ≤ 30V
V
R LINE
Line Regulation
17.6V
≤ V
IN ≤ 30V
I
L = 100 mA
150
mV
I
L = 500 mA
300
V
R LOAD
Load Regulation
5 mA
≤ I
L ≤ 500 mA
300
I
Q
Quiescent Current
I
L = 500 mA
4
10.0
mA
∆I
Q
Quiescent Current Change
5 mA
≤ I
L ≤ 500 mA
0.5
18V
≤ V
IN ≤ 30V, IL = 500 mA
1.0
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
90
µV
Ripple Rejection
f = 120 Hz, I
L = 500 mA
69
dB
V
IN
Input Voltage Required
I
L = 500 mA
17.6
V
to Maintain Line Regulation
∆V
O
Long Term Stability
I
L = 500 mA
60
mV/khrs
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The typical thermal resistance of the three package types is:
T (TO-220) package:
θ(JA) = 60 ˚C/W, θ(JC) = 5 ˚C/W
H (TO-39) package:
θ(JA) = 120 ˚C/W, θ(JC) = 18 ˚C/W
DT (TO-252) package:
θ(JA) = 92 ˚C/W, θ(JC) = 10 ˚C/W
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com