Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72011 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72011
Description  FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72011 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72011 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72011
433MHz
FSK Transmitter
3901072011
Page 1 of 20
Data Sheet
Rev. 011
Jun/12
Features
Fully integrated PLL-stabilized VCO
Frequency range from 380 MHz to 450 MHz
Single-ended RF output
FSK through crystal pulling allows modulation
from DC to 40 kbit/s
High FSK deviation possible for wideband data
transmission
Wide power supply range from 1.95 V to 5.5 V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +10 dBm
Adjustable current consumption from
3.4 mA to 10.6 mA
Conforms to EN 300 220 and similar standards
8-pin Small Outline Integrated Circuit (SOIC)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72011
K
DC
BAA-000
RE
TH72011
K
DC
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
DC for SOIC
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72011KDC-BAA-000-RE
Application Examples
Pin Description
General digital data transmission
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Low-power telemetry
Alarm and security systems
Garage door openers
Home automation
General Description
The TH72011 FSK transmitter IC is designed for applications in the European 433 MHz industrial-scientific-
medical (ISM) band, according to the EN 300 220 telecommunications standard; but it can also be used in
any other country with similar frequency bands.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The
integrated PLL synthesizer ensures that each RF value, ranging from 380 MHz to 450 MHz, can be achieved
by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback
divider ratio.
FSKDTA
VEE
ENTX
ROI
FSKSW
VCC
PSEL
OUT
TH72011
1
3
4
2
8
6
5
7


Similar Part No. - TH72011

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72011 MELEXIS-TH72011 Datasheet
1Mb / 21P
433MHz FSK Transmitter
TH72011KDC MELEXIS-TH72011KDC Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
More results

Similar Description - TH72011

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
FSK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72031 MELEXIS-TH72031_12 Datasheet
690Kb / 20P
FSK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com