Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX92292 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX92292
Description  關-Power Programmable ASIL B capable Hall Effect Switch/Latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92292 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX92292 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MLX92292
µ-Power Programmable ASIL B capable
Hall Effect Switch/Latch
µ-Power Programmable ASIL B Hall S/L
Page 2 of 11
Abstract
Rev. 1.1
Sept 11, 2015
1 Features
 Micro-Power consumption
– ideal for battery operation
 Functional Safety level ASIL B capable, the product is developed according ISO 26262
 Customer End-Of-Line programming via output pin in the application module for system optimization
 Wide range for fine programming of both magnetic operating points from -90mT to +90mT
 Programmable permanent magnet Temperature Coefficient compensation - from 0 to -2400ppm/ºC
 Programmable Switch or Latch sensor function
 Programmable output function
– direct or inverted
 Version with Lateral magnetic sensitivity
 Programmable operating period for power consumption optimization vs output update period
 Fast response Mode with programmable diagnostic period in Fail Safe state
 Flexible technical safety requirements
 Integrated self-diagnostic functions activating predefined Safe Message
 Unique identification number (ID) for device traceability
 Wide temperature range
– suitable for automotive applications
 Wide operating voltage range : from 3.3V(tbd) to 18V, Load Dump 32V (target 40V)
 Under-Voltage Lockout (UVL, Under-Voltage detection)
 Reverse supply voltage protection
 Thermal protection
 High ESD rating
 SE (TSOT-3L) green compliant package and UA (TO92-3L) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com