Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX92221 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX92221
Description  2-Wire Hall Effect Latch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92221 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX92221 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX92221 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MLX92221-AAA
2-Wire Hall Effect Latch
390109224100 Rev. 1
Page 13 of 14
June/13
11.2 SE (TSOT-3L) Package Information
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.00 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40
+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-
B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.15mm
per side.
3. Outermost plastic extreme length does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.25mm
per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess of the
lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-
B’ applies to the flat section of the lead
between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
see note 2
see note 5
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
4°
+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Notes:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
1.51
0.28
SE Pin №
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
TEST
I/O
Analog & Digital I/O
3
GND
Ground
Ground pin
Table 1: SE Package pinout
Note: Test pin to be left open or connected to GND in the application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com