Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3411 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3411 Datasheet HTML 1Page - National Semiconductor (TI) LM3411 Datasheet HTML 2Page - National Semiconductor (TI) LM3411 Datasheet HTML 3Page - National Semiconductor (TI) LM3411 Datasheet HTML 4Page - National Semiconductor (TI) LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagrams and Order Information
Five Lead Surface Mount Package Marking
and Order Information (SOT23-5)
The small SOT23-5 package allows only 4 alphanumeric characters to identify the product. The table below contains the field in-
formation marked on the package.
The first letter “D” identifies the part as a Driver, the next two numbers indicate the voltage, “00” for 3.3V part and “01” for a 5V
part. The fourth letter indicates the grade, “B” for standard grade, “A” for the prime grade.
The SOT23-5 surface mount package is only available on tape in quantities increments of 250 on tape and reel (indicated by the
letters “M5” in the part number), or in quantities increments of 3000 on tape and reel (indicated by the letters “M5X” in the part
number).
5-Lead Small Outline Package (M5)
DS011987-3
*No internal connection, but should be soldered to PC board for best heat
transfer.
Top View
Actual Size
DS011987-4
For Ordering Information
See
Figure 1 in this Data Sheet
See NS Package Number MA05B
Grade
Order Information
Package
Marking
Supplied as
3.3V
A (Prime)
LM3411AM5-3.3
D00A
1000 unit increments on tape and reel
3.3V
A (Prime)
LM3411AM5X-3.3
D00A
3000 unit increments on tape and reel
3.3V
B (Standard)
LM3411M5-3.3
D00B
1000 unit increments on tape and reel
3.3V
B (Standard)
LM3411M5X-3.3
D00B
3000 unit increments on tape and reel
5.0V
A (Prime)
LM3411AM5-5.0
D01A
1000 unit increments on tape and reel
5.0V
A (Prime)
LM3411AM5X-5.0
D01A
3000 unit increments on tape and reel
5.0V
B (Standard)
LM3411M5-5.0
D01B
1000 unit increments on tape and reel
5.0V
B (Standard)
LM3411M5X-5.0
D01B
3000 unit increments on tape and reel
FIGURE 1. SOT23-5 Marking and Order Information
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com