Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2W-PXQX-4P7R Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LEUWS2W-PXQX-4P7R
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2W-PXQX-4P7R Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LEUWS2W-PXQX-4P7R Datasheet HTML 15Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 16Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 17Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 18Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 19Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 20Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 21Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 22Page - OSRAM GmbH LEUWS2W-PXQX-4P7R Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Version 2.2 (not for new design)
LE UW S2W
2015-11-27
19
Tape and Reel
Gurtverpackung
12 mm tape with 500 pcs. on 180 mm reel
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com