Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30020CT Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR30020CT
Description  High Surge Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR30020CT Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR30020CT Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR30020CT Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR30020CT Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 300 A
Features
• High Surge Capability
Twin Tower Package
• Not ESD Sensitive
Parameter
Symbol
MBR30020CT(R) MBR30030CT(R)
Unit
Repetitive peak reverse
voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
• Types from 20 V to 40 V VRRM
Conditions
40
28
MBR30020CT thru MBR30040CTR
MBR30040CT(R)
35
25
MBR30035CT(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR30020CT(R) MBR30030CT(R)
Unit
Average forward current
(per pkg)
IF(AV)
300
300
A
Maximum forward
voltage (per leg)
0.70
0.70
11
10
10
50
50
Thermal characteristics
Thermal resistance,
junction-case, per leg
R
ΘJC
0.40
0.40
°C/W
Tj = 100 °C
10
10
TC = 125 °C
300
300
Peak forward surge
current (per leg)
IFSM
tp = 8.3 ms, half sine
2000
2000
2000
2000
V
-55 to 150
-55 to 150
40
35
A
-55 to 150
MBR30040CT(R)
11
MBR30035CT(R)
0.40
Tj = 150 °C
0.40
0.70
0.70
50
mA
Tj = 25 °C
IFM = 150 A, Tj = 25 °C
Conditions
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated
DC blocking voltage
(per leg)
IR
VF
50
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBR30020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30020CT MCC-MBR30020CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Naina Semiconductor ltd...
MBR30020CT NAINA-MBR30020CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 300A
logo
America Semiconductor, ...
MBR30020CT AMERICASEMI-MBR30020CT Datasheet
446Kb / 2P
Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
MBR30020CT GENESIC-MBR30020CT Datasheet
716Kb / 3P
Silicon Power Schottky Diode
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
More results

Similar Description - MBR30020CT

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com