Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC574D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC574D
Description  Octal D-type flip-flop positive edge-trigger 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC574D Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC574D Datasheet HTML 1Page - NXP Semiconductors 74ALVC574D Datasheet HTML 2Page - NXP Semiconductors 74ALVC574D Datasheet HTML 3Page - NXP Semiconductors 74ALVC574D Datasheet HTML 4Page - NXP Semiconductors 74ALVC574D Datasheet HTML 5Page - NXP Semiconductors 74ALVC574D Datasheet HTML 6Page - NXP Semiconductors 74ALVC574D Datasheet HTML 7Page - NXP Semiconductors 74ALVC574D Datasheet HTML 8Page - NXP Semiconductors 74ALVC574D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 Mar 04
3
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74ALVC574
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW CP transition;
L = LOWvoltage level;
l = LOW voltage level one set-up time prior to the HIGH-to-LOW CP transition;
↑ = LOW-to-HIGH clock transition;
Z = high-impedance OFF-state.
PINNING
TYPE NUMBER
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74ALVC574D
20
SO
plastic
SOT163-1
74ALVC574PW
20
TSSOP
plastic
SOT360-1
OPERATING MODES
INPUT
INTERNAL
FLIP-FLOPS
OUTPUT
OE
CP
Dn
Q0 to Q7
Load and read register
L
↑
lL
L
L
↑
hH
H
Latch and read register
H
↑
lL
Z
H
↑
hH
Z
PIN
SYMBOL
DESCRIPTION
1
OE
output enable input (active LOW)
2, 3, 4, 5, 6, 7, 8, 9
Q0 to Q7
3-state flip-flop output
10
GND
ground (0 V)
11
CP
clock input (LOW-to-HIGH, edge triggered)
12, 13, 14, 15, 16, 17, 18,
19
D7 to D0
data input
20
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com