Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF131 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF131
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF131 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF131 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF131 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
IRF131
·
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID=250µA
60
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS; ID=250µA
2.0
4.0
V
RDS(ON)
Drain-Source On-stage Resistance
VGS=10V; ID=8A
0.18
Ω
IGSS
Gate Source Leakage Current
VGS=±20V;VDS=0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=60V; VGS=0
250
uA
VSD
Diode Forward Voltage
IS=14A; VGS=0
2.5
V
Ciss
Input Capacitance
VDS=25V;
VGS=0V;
fT=1MHz
800
pF
Crss
Reverse Transfer Capacitance
150
Coss
Output Capacitance
500
tr
Rise Time
RGS=15Ω
ID=8A;
VDD=36V;
RL=15Ω
75
ns
td(on)
Turn-on Delay Time
30
tf
Fall Time
45
td(off)
Turn-off Delay Time
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com