Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF441-F2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF441-F2
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF441-F2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF441-F2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF441-F2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF441
DESCRIPTION
·
VGS Rated at ±20V
·
Silicon Gate for Fast Switching Speeds
·
IDSS,VDS(on),SOA and VGS(th) specified at Elevated
temperature
·
Rugged
APPLICATIONS
·
Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
450
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
8
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃
/W
Rth j-A
Thermal Resistance,Junction to Ambient
30
℃
/W


Similar Part No. - IRF441-F2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF441 SAMSUNG-IRF441 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF441 FAIRCHILD-IRF441 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
New Jersey Semi-Conduct...
IRF441 NJSEMI-IRF441 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRF441 ARTSCHIP-IRF441 Datasheet
271Kb / 5P
N-Channel Power MOSFETs
logo
Nell Semiconductor Co.,...
IRF4410 NELLSEMI-IRF4410 Datasheet
699Kb / 9P
N-Channel Power MOSFET
More results

Similar Description - IRF441-F2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com