Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS168 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS168
Description  54LS168 Synchronous Bi-Directional BCD Decade Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS168 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74LS168 Datasheet HTML 1Page - National Semiconductor (TI) 74LS168 Datasheet HTML 2Page - National Semiconductor (TI) 74LS168 Datasheet HTML 3Page - National Semiconductor (TI) 74LS168 Datasheet HTML 4Page - National Semiconductor (TI) 74LS168 Datasheet HTML 5Page - National Semiconductor (TI) 74LS168 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Functional Description
The ’LS168 uses edge-triggered D-type flip-flops and has
no constraints on changing the control or data input signals
in either state of the Clock The only requirement is that the
various inputs attain the desired state at least a setup time
before the rising edge of the clock and remain valid for the
recommended hold time thereafter The parallel load opera-
tion takes precedence over the other operations as indicat-
ed in the Mode Select Table When PE is LOW the data on
the P0 – P3 inputs enters the flip-flops on the next rising
edge of the Clock In order for counting to occur both CEP
and CET must be LOW and PE must be HIGH The UD
input then determines the direction of counting The Termi-
nal Count (TC) output is normally HIGH and goes LOW
provided that CET is LOW when a counter reaches zero in
the COUNT DOWN mode or reaches 9 in the COUNT UP
mode The TC output state is not a function of the Count
Enable Parallel (CEP) input level The TC output of the
’LS168 decade counter can also be LOW in the illegal
states 11 13 and 15 which can occur when power is turned
on or via parallel loading If an illegal state occurs the
’LS168 will return to the legitimate sequence within two
counts Since the TC signal is derived by decoding the flip-
flop states there exists the possibility of decoding spikes on
TC For this reason the use of TC as a clock signal is not
recommended (see logic equation below)
1 Count Enable e CEP
 CET  PE
2 Up TC e Q0
 Q3  (UD)  CET
3 Down TC e Q0
 Q1  Q2  Q3  (UD)  CET
’LS168 Mode Select Table
PE
CEP
CET
UD
Action on Rising Clock Edge
L
X
X
X
Load (Pn
xQn)
H
L
L
H
Count Up (Increment)
H
L
L
L
Count Down (Decrement)
H
H
X
X
No Change (Hold)
H
X
H
X
No Change (Hold)
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
State Diagram
TLF10207 – 3
Logic Diagram
TLF10207 – 4
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com