Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90109 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90109
Description  125kHz RFID Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90109 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90109 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90109 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MLX90109
125kHz RFID Transceiver
3901090109
Page 2 of 16
Data Sheet
Rev 011
Jun/12
1 Functional diagram
2 Description
The MLX90109 is a single chip RFID transceiver
for the 125kHz frequency range.
It has been
conceived for minimum system cost and minimum
power consumption, offering all required flexibility
for a state of the art AM transceiver base station.
An external coil (L), and capacitor (C) are
connected as a parallel resonant circuit, that
determines the carrier frequency and the oscillator
frequency of the reader.
This eliminates zero
modulation effects by perfect antenna tuning, and
avoids the need for an external oscillator.
The reader IC can easily be switched to power
down by setting the antenna amplitude to zero.
The MLX90109 can be configured to decode the
transponder signal on-chip.
In this case the
decoded signal is available through a 2-wire
interface with clock and data.
For minimum
interface wiring, the non-decoded transponder
signal can also be made available on a single wire
interface.
VDD
VDD
COIL
MODU
MLX90109
RC modulation
network
microcontroller
(1): MODE/SPEED config settings
(2): DATA/CLOCK outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com