Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1720 Datasheet(PDF) 7 Page - SMSC Corporation

Part # PAC1720
Description  Dual High-Side Current Sense Monitor with Power Calculation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PAC1720 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button PAC1720 Datasheet HTML 3Page - SMSC Corporation PAC1720 Datasheet HTML 4Page - SMSC Corporation PAC1720 Datasheet HTML 5Page - SMSC Corporation PAC1720 Datasheet HTML 6Page - SMSC Corporation PAC1720 Datasheet HTML 7Page - SMSC Corporation PAC1720 Datasheet HTML 8Page - SMSC Corporation PAC1720 Datasheet HTML 9Page - SMSC Corporation PAC1720 Datasheet HTML 10Page - SMSC Corporation PAC1720 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Dual High-Side Current Sense Monitor with Power Calculation
Datasheet
SMSC PAC1720
7
Revision 1.1 (12-08-11)
SMSC CONFIDENTIAL DATASHEET
Chapter 1 Pin Description
The pin types are described in Table 1.2. All pins labeled with (5V) are 5V tolerant. All pins labeled
with (40V) are 40V tolerant.
Figure 1.1 PAC1720 Pin Diagram
Table 1.1 Pin Description for PAC1720
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
SENSE1+
Positive current sense measurement
point
AI (40V)
2
SENSE1-
Negative current sense measurement
point
AI (40V)
3
SENSE2+
Positive current sense measurement
point
AI (40V)
4
SENSE2-
Negative current sense measurement
point
AI (40V)
5
GND
Ground
Power
6
ADDR_SEL
Selects SMBus address
AI (5V)
7ALERT
Active low output - requires pull - up
resistor
OD (5V)
8
SMDATA
SMBus data input/output - requires
pull-up resistor
DIOD (5V)
9
SMCLK
SMBus clock input - requires external
pull-up resistor
DI (5V)
10
VDD
Positive power supply voltage
Power (5V)
GND
SMCLK
VDD
1
2
3
4
5
SMDATA
SENSE1+
SENSE1-
SENSE2+
GND
SENSE2-
ALERT
ADDR_SEL
PAC1720
3mm x 3mm DFN
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com