Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2112 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2112
Description  RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2112 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2112 Datasheet HTML 17Page - SMSC Corporation EMC2112 Datasheet HTML 18Page - SMSC Corporation EMC2112 Datasheet HTML 19Page - SMSC Corporation EMC2112 Datasheet HTML 20Page - SMSC Corporation EMC2112 Datasheet HTML 21Page - SMSC Corporation EMC2112 Datasheet HTML 22Page - SMSC Corporation EMC2112 Datasheet HTML 23Page - SMSC Corporation EMC2112 Datasheet HTML 24Page - SMSC Corporation EMC2112 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2112
21
Revision 0.88 (11-20-09)
DATASHEET
5.1
Fan Control Modes of Operation
The EMC2112 has two modes of operation for the fan driver. Each mode of operation uses the Ramp
Rate control and Spin Up Routine.
1. Direct Setting Mode - in this mode of operation, the user directly controls the fan drive setting.
Updating the Fan Driver Setting Register (see Section 6.17) will instantly update the fan drive.
Ramp Rate control is optional and enabled via the EN_RRC bits.
Whenever the Direct Setting Mode is enabled, the current drive will be changed to what was
last written into the Fan Driver Setting Register.
2. Fan Speed Control Mode (FSC) - in this mode of operation, the user determines a target
tachometer count and the drive setting is automatically updated to achieve this target speed. The
algorithm uses the Spin Up Routine and has user definable ramp rate controls.
5.2
RPM-Based Fan Speed Control Algorithm (FSC)
The EMC2112 includes a RPM-based Fan Speed Control Algorithm for the fan driver.
This fan control algorithm uses Proportional, Integral, and Derivative terms to automatically approach
and maintain the system’s desired fan speed to an accuracy directly proportional to the accuracy of
the clock source.
The desired tachometer count is set by the user inputting the desired number of 32.768KHz cycles
that occur per fan revolution. This is done by setting the TACH Target Register. The user may change
the target count at any time. The user may also set the target count to FFh in order to disable the fan
driver for lower current operation.
Table 5.1 Fan Controls Active for Operating Mode
DIRECT SETTING MODE
FSC MODE
Fan Driver Setting (read / write)
Fan Driver Setting (read only)
EDGES[1:0]
EDGES[1:0]
(Fan Configuration)
-
RANGE[1:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
Fan Max Step
Fan Max Step
-
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
-
TACH Target (read / write)
TACH Reading
TACH Reading
-
DRIVE_FAIL_CNT[1:0] and Drive Band Fail Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com