Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79XX Datasheet(PDF) 8 Page - STMicroelectronics

Part # 79XX
Description  NEGATIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

79XX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 79XX Datasheet HTML 4Page - STMicroelectronics 79XX Datasheet HTML 5Page - STMicroelectronics 79XX Datasheet HTML 6Page - STMicroelectronics 79XX Datasheet HTML 7Page - STMicroelectronics 79XX Datasheet HTML 8Page - STMicroelectronics 79XX Datasheet HTML 9Page - STMicroelectronics 79XX Datasheet HTML 10Page - STMicroelectronics 79XX Datasheet HTML 11Page - STMicroelectronics 79XX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
L7900 SERIES
8/16
ELECTRICAL CHARACTERISTICS OF L7924C (refer to the test circuits, TJ = 0 to 125°C, VI = -33V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
APPLICATIONS INFORMATION
Figure 1 : Fixed Output Regulator
NOTE:
1. To specify an output voltage, substitute voltage value for "XX".
2. Required for stability. For value given, capacitor must be solid tantalum. If aluminium electrolytics are used, at least ten times value should
be selected. C1 is required if regulator is located an appreciable distance from power supply filter.
3. To improve transient response. If large capacitors are used, a high current diode from input to output (1N4001 or similar) should be intro-
duced to protect the device from momentary input short circuit.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-23
-24
-24.5
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -27 to -38 V
-22.8
-24
-25.2
V
∆V
O(*)
Line Regulation
VI = -27 to -38 V
TJ = 25°C
480
mV
VI = -30 to -36 V
TJ = 25°C
240
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
480
mV
IO = 250 to 750 mA
TJ = 25°C
240
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -27 to -38 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
400
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com