Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6TIW-4812D-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM6TIW-4812D-RZ
Description  6 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TIW-4812D-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM6TIW-4812D-RZ Datasheet HTML 1Page - AIMTEC AM6TIW-4812D-RZ Datasheet HTML 2Page - AIMTEC AM6TIW-4812D-RZ Datasheet HTML 3Page - AIMTEC AM6TIW-4812D-RZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM6TIW-RZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 4
North America only
Models
Dual output (continued)
Model
Input
Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TIW-4805DH30-RZ
18-75
±5
±600
82
±220
3000
AM6TIW-4812DH30-RZ
18-75
±12
±250
84
±100
3000
AM6TIW-4815DH30-RZ
18-75
±15
±200
84
±100
3000
AM6TIW-4824DH30-RZ
18-75
±24
±125
80
±47
3000
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-75
Filter
π
(Pi) Network
Start up time
20
ms
Absolute Maximum Rating
24 Vin
-0.7-50
VDC
48 Vin
-0.7-100
Peak Input Voltage time
100
ms
Under Voltage Lockout (ON / OFF)
24 Vin
8.5 / 7.0
VDC
48 Vin
16.5 / 14.5
Input Reflected Ripple Current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Vin nom, 100% load
±2
%
Voltage balance
Balanced Load
±2
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Over current protection
160% Iout
Line voltage regulation
LL – HL, 100% load
±0.5
%
Cross regulation (Dual)
1 load=25-100%, other
load=100%
±5
%
Load voltage regulation
0 – 100% load
±1.2
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
80
ms
Transient Recovery Time
Vin nom, 25% step
300
µs
Transient Response Deviation
±3
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Start-up Time
20
ms
Switching frequency
100% load
330
KHz
Operating temperature
(See Derating Chart)
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+100
oC
Cooling
Free air convection
Humidity
90
%
Case material
Non-Conductive Black Plastic (UL94V-0)
Weight
13
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com