Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6TW-RVZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM6TW-RVZ
Description  6 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-RVZ Datasheet(HTML) 1 Page - AIMTEC

  AM6TW-RVZ_16 Datasheet HTML 1Page - AIMTEC AM6TW-RVZ_16 Datasheet HTML 2Page - AIMTEC AM6TW-RVZ_16 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM6TW-RVZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13.C
1 of 3
North America only
FEATURES:
Models
Single output
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM6TW-2412D-RVZ
9-36
±12
±250
±100
81
AM6TW-2415D-RVZ
9-36
±15
±200
±68
80
AM6TW-4812D-RVZ
18-72
±12
±250
±100
78
AM6TW-4815D-RVZ
18-72
±15
±200
±68
75
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
9-36
VDC
48
18-72
Filter
 (Pi) Network
Absolute Max Rating
24 Vin
-0.7-40
VDC
48 Vin
-0.7-80
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Balance
Balanced Load
±1
%
Voltage accuracy
±1
%
Short circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
±0.5
%
Load voltage regulation
±0.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise *
At 20MHz Bandwidth
60
mV p-p
* In order to achieve ripple and noise specification, a 100μF capacitor is required to be connected to the output of the converter
 Wide Input Range (4:1)
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output isolation 1500 VDC
 Metal package
 Pin compatible with multiple manufacturers
 High efficiency up to 82%
 Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM6TW-2412S-RVZ
9-36
12
500
470
82
AM6TW-2415S-RVZ
9-36
15
400
330
80
AM6TW-4812S-RVZ
18-72
12
500
470
78
AM6TW-4815S-RVZ
18-72
15
400
330
78
Click on Series name for product info on aimtec.com


Similar Part No. - AM6TW-RVZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
730Kb / 3P
6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-RVZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
6 Watt | DC-DC Converter
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
6 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com