Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34CZ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM34CZ
Description  Precision Fahrenheit Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34CZ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM34CZ Datasheet HTML 1Page - National Semiconductor (TI) LM34CZ Datasheet HTML 2Page - National Semiconductor (TI) LM34CZ Datasheet HTML 3Page - National Semiconductor (TI) LM34CZ Datasheet HTML 4Page - National Semiconductor (TI) LM34CZ Datasheet HTML 5Page - National Semiconductor (TI) LM34CZ Datasheet HTML 6Page - National Semiconductor (TI) LM34CZ Datasheet HTML 7Page - National Semiconductor (TI) LM34CZ Datasheet HTML 8Page - National Semiconductor (TI) LM34CZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 11)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
+35V to −0.2V
Output Voltage
+6V to −1.0V
Output Current
10 mA
Storage Temperature,
TO-46 Package
−76˚F to +356˚F
TO-92 Package
−76˚F to +300˚F
SO-8 Package
−65˚C to +150˚C
ESD Susceptibility (Note 12)
800V
Lead Temp.
TO-46 Package
(Soldering, 10 seconds)
+300˚C
TO-92 Package
(Soldering, 10 seconds)
+260˚C
SO Package (Note 13)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Specified Operating Temp. Range (Note 3)
T
MIN to TMAX
LM34, LM34A
−50˚F to +300˚F
LM34C, LM34CA
−40˚F to +230˚F
LM34D
+32˚F to +212˚F
DC Electrical Characteristics (Notes 2, 7)
LM34A
LM34CA
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 5)
(Note 6)
(Note 5)
(Note 6)
Accuracy (Note 8)
T
A = +77˚F
±0.4
±1.0
±0.4
±1.0
˚F
T
A = 0˚F
±0.6
±0.6
±2.0
˚F
T
A = TMAX
±0.8
±2.0
±0.8
±2.0
˚F
T
A = TMIN
±0.8
±2.0
±0.8
±3.0
˚F
Nonlinearity (Note 9)
T
MIN ≤ TA ≤ TMAX
±0.35
±0.7
±0.30
±0.6
˚F
Sensor Gain
T
MIN ≤ TA ≤ TMAX
+10.0
+9.9,
+10.0
+9.9,
mV/˚F, min
(Average Slope)
+10.1
+10.1
mV/˚F, max
Load Regulation
T
A = +77˚F
±0.4
±1.0
±0.4
±1.0
mV/mA
(Note 4)
T
MIN ≤ TA ≤ TMAX
±0.5
±3.0
±0.5
±3.0
mV/mA
0
≤ I
L ≤ 1mA
Line Regulation
T
A = +77˚F
±0.01
±0.05
±0.01
±0.05
mV/V
(Note 4)
5V
≤ V
S ≤ 30V
±0.02
±0.1
±0.02
±0.1
mV/V
Quiescent Current
V
S = +5V, +77˚F
75
90
75
90
µA
(Note 10)
V
S = +5V
131
160
116
139
µA
V
S = +30V, +77˚F
76
92
76
92
µA
V
S = +30V
132
163
117
142
µA
Change of Quiescent
4V
≤ V
S ≤ 30V, +77˚F
+0.5
2.0
0.5
2.0
µA
Current (Note 4)
5V
≤ V
S ≤ 30V
+1.0
3.0
1.0
3.0
µA
Temperature Coefficient
+0.30
+0.5
+0.30
+0.5
µA/˚F
of Quiescent Current
Minimum Temperature
In circuit of
Figure 1,
+3.0
+5.0
+3.0
+5.0
˚F
for Rated Accuracy
I
L = 0
Long-Term Stability
T
j = TMAX
for 1000 hours
±0.16
±0.16
˚F
Note 2: Unless otherwise noted, these specifications apply: −50˚F
≤ Tj ≤ + 300˚F for the LM34 and LM34A; −40˚F ≤ Tj ≤ +230˚F for the LM34C and LM34CA; and
+32˚F
≤ Tj ≤ + 212˚F for the LM34D. VS = +5 Vdc and ILOAD = 50 µA in the circuit of Figure 2; +6 Vdc for LM34 and LM34A for 230˚F ≤ Tj ≤ 300˚F. These specifications
also apply from +5˚F to TMAX in the circuit of Figure 1.
Note 3: Thermal resistance of the TO-46 package is 720˚F/W junction to ambient and 43˚F/W junction to case. Thermal resistance of the TO-92 package is 324˚F/W
junction to ambient. Thermal resistance of the small outline molded package is 400˚F/W junction to ambient. For additional thermal resistance information see table
in the Typical Applications section.
Note 4: Regulation is measured at constant junction temperature using pulse testing with a low duty cycle. Changes in output due to heating effects can be computed
by multiplying the internal dissipation by the thermal resistance.
Note 5: Tested limits are guaranteed and 100% tested in production.
Note 6: Design limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage ranges. These limits are not used to cal-
culate outgoing quality levels.
Note 7: Specification in BOLDFACE TYPE apply over the full rated temperature range.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com