Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC0803HP4R7MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PIC0803HP4R7MF
Description  SMD Power Choke Coil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0803HP4R7MF Datasheet(HTML) 1 Page - Superworld Electronics

  PIC0803HP4R7MF Datasheet HTML 1Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 2Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 3Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 4Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 5Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 6Page - Superworld Electronics PIC0803HP4R7MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(a)
(d)
(b)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Inductance code : 1R0 = 1.0uH
(e) Tolerance code : M = ±20%, Y = ±30%
PG. 1
8.5±0.3
B
C
2.8±0.2
D
4.7±0.3
E
Unit:m/m
9.5±0.3
1.4±0.30
(c)
(f)
(f) F : RoHS Compliant
1R0
A
C
D
4. MATERIALS :
P I C 0 8 0 3 H P 1 R 0 M F -
□□
(a) Core
(b) Wire
(c) Teminal
(d) Ink
(e) Paint
03.11.2015
SMD Power Choke Coil
PIC0803HP SERIES
(g)
(g) 11~99 : Internal control number
NOTE : Specifications subject to change without notice. Please check our website for latest information.
1236
L
G
Recommend PC Board Pattern
G
4.5
H
10.4
L
5.2


Similar Part No. - PIC0803HP4R7MF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC0103SD KODENSHI-PIC0103SD Datasheet
171Kb / 2P
Photo IC
PIC0103SL KODENSHI-PIC0103SL Datasheet
99Kb / 2P
Built-in Schumitt Trigger circuit
logo
Superworld Electronics
PIC0302H100MF SUPERWORLD-PIC0302H100MF Datasheet
2Mb / 8P
SMD Power Choke Coil
PIC0302H1R0MF SUPERWORLD-PIC0302H1R0MF Datasheet
2Mb / 8P
SMD Power Choke Coil
PIC0302H1R5MF SUPERWORLD-PIC0302H1R5MF Datasheet
2Mb / 8P
SMD Power Choke Coil
More results

Similar Description - PIC0803HP4R7MF

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
SMD Power Choke Coil
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
SMD Power Choke Coil
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
SMD Power Choke Coil
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com