Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC0803HPR47MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC0803HPR47MF
Description  SMD Power Choke Coil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0803HPR47MF Datasheet(HTML) 2 Page - Superworld Electronics

  PIC0803HPR47MF Datasheet HTML 1Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 2Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 3Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 4Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 5Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 6Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
PIC0803HP1R0MF
0
1.00
( μH )
@ 0 A
7.0
DCR
Typ. @ 25°C
( mΩ )
Irms
( A )
14
29
( A )
Isat
Typ.
Typ.
g) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
e) Heat Rated Current (Irms) will cause the coil temperature rise approximately Δt of 40°C (keep 1min)
f ) Saturation Current (Isat) will cause L0 to drop 20%.
5. GENERAL SPECIFICATION :
c) Storage Temp. : -40°C to +125°C
b) Operating Temp. : -40°C to +125°C
a) Test Freq. : L : 100KHz/1.0V
DCR
( mΩ )
Max. @ 25°C
8.1
2.20
18
9
21
20.5
3.30
23
8
14
27
4.70
32
7
11
37
6.80
46
5.5
9
53
15.0
88
3.8
7
102
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
10.0
65
4.7
8.2
75
8.20
52
5
8.5
60
PIC0803HP SERIES
03.11.2015
PIC0803HP2R2MF
PIC0803HP3R3MF
PIC0803HP4R7MF
PIC0803HP6R8MF
PIC0803HP8R2MF
PIC0803HP100MF
PIC0803HP150MF
PIC0803HPR47MF
0.47
3.0
21.5
35
3.4
PIC0803HPR33MF
0.33
2.3
25
37
2.6
PIC0803HPR22MF
0.22
1.46
30
45
1.61
PIC0803HP1R5MF
1.50
10.2
11.5
24
11.8
h) Storage condition (component in its packaging)
i) Temperature: -10 to 40°C
ii) Humidity : 60%RH
d) Humidity Range : 85 ± 3% RH
Tolerance code : M = ±20%, Y = ±30%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com