Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI322520-R10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDI322520-R10
Description  WIREWOUND CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-R10 Datasheet(HTML) 2 Page - Superworld Electronics

  SDI322520-R10 Datasheet HTML 1Page - Superworld Electronics SDI322520-R10 Datasheet HTML 2Page - Superworld Electronics SDI322520-R10 Datasheet HTML 3Page - Superworld Electronics SDI322520-R10 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI322520 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
28.02.2015
5. ELECTRICAL CHARACTERISTICS :
WIREWOUND CHIP INDUCTORS
Part No.
Test
( Hz )
Frequency
Inductance
( uH )
( MHz )
Frequency
Min.
Q
( Hz )
Min.
Test
SRF
( Ω )
Max.
DCR
( mA )
Max.
IDC
1M
1M
1M
1M
1M
1.2
SDI322520-1R2□F
SDI322520-1R8□F
SDI322520-1R5□F
SDI322520-2R2□F
1.8
2.2
1.5
SDI322520-1R0□F1.0
20
1M
1M
1M
1M
20
20
20
1M
20
425
0.60
100
60
50
75
390
0.70
0.80
370
0.60
400
100
0.50
445
Tolerance
M
M
M, K
M, K
M, K
SDI322520-2R7□F2.7
20
1M
43
0.90
320
SDI322520-3R3□F3.3
20
1M
38
1.0
300
SDI322520-3R9□F3.9
20
1M
35
1.1
290
SDI322520-4R7□F4.7
20
1M
31
1.2
270
SDI322520-5R6□F5.6
20
1M
28
1.3
250
SDI322520-6R8□F6.8
20
1M
25
1.5
240
SDI322520-8R2□F8.2
20
1M
23
1.6
225
SDI322520-100□F10
K, J
35
1M
20
1.8
190
SDI322520-120□F12
35
1M
18
2.0
180
SDI322520-150□F15
35
1M
16
2.2
170
SDI322520-180□F18
35
1M
15
2.5
165
SDI322520-220□F22
35
1M
14
2.8
150
SDI322520-820□F82
SDI322520-680□F
SDI322520-560□F
SDI322520-470□F
SDI322520-390□F
SDI322520-330□F
SDI322520-270□F
68
56
47
39
33
27
40
1M
8.5
6.2
70
40
40
40
1M
1M
1M
40
40
35
1M
1M
1M
4.9
10.0
9.0
5.5
11
4.3
85
80
100
3.5
12
11
3.9
13
3.1
115
110
125
SDI322520-561□F560
SDI322520-331□F
SDI322520-391□F
SDI322520-471□F
SDI322520-181□F
SDI322520-221□F
SDI322520-271□F
330
390
470
180
220
270
50
1K
796K
5.0 ( Ref. )
28.0
40
40
50
50
1M
1K
1M
796K
796K
796K
40
40
40
1M
1M
1M
796K
796K
796K
22.0
5.0
5.0
25.0
5.0
13.0
50
45
65
11.8
5.5
5.0
12.5
6.0
10.2
65
65
65
SDI322520-101□F
SDI322520-151□F
SDI322520-121□F
100
150
120
40
40
40
1M
1M
1M
796K
796K
796K
8.0
7.5
7.0
9.3
8.0
7.0
75
70
80
M, K
M, K
M, K
M, K
M, K
M, K
M, K
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
M = ± 20%
K = ± 10%
Inductance tolerance :
□ : J = ±5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com