Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC4012FT-R47NZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC4012FT-R47NZF
Description  Low Profile Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC4012FT-R47NZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPC4012FT-R47NZF Datasheet HTML 1Page - Superworld Electronics SPC4012FT-R47NZF Datasheet HTML 2Page - Superworld Electronics SPC4012FT-R47NZF Datasheet HTML 3Page - Superworld Electronics SPC4012FT-R47NZF Datasheet HTML 4Page - Superworld Electronics SPC4012FT-R47NZF Datasheet HTML 5Page - Superworld Electronics SPC4012FT-R47NZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4. GENERAL SPECIFICATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. ELECTRICAL CHARACTERISTICS :
Part No.
SPC4012FT1R0□ZF
Inductance
1.0
( uH )
100kHz,0.1V / 1MHz,0.1V
( Hz )
Frequency
Test
RDC ( Ω )±20%
Resistance
42m
2.30
1.90
16.10.2014
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
A
SPC4012FT1R5□ZF
1.5
57m
1.90
1.70
C
SPC4012FT2R2□ZF
2.2
86m
1.50
1.55
E
SPC4012FT3R3□ZF
3.3
0.10
1.30
1.40
G
SPC4012FT4R7□ZF
4.7
0.13
1.10
1.25
I
SPC4012FT6R8□ZF
6.8
0.18
0.95
1.05
K
SPC4012FT100□ZF
10
0.28
0.75
0.80
M
SPC4012FT150□ZF
15
0.39
0.65
0.70
O
SPC4012FT220□ZF
22
0.53
0.55
0.60
Q
SPC4012FT330□ZF
33
0.85
0.45
0.40
S
Tolerance □ : M = ±20%, N = ±30%
SPC4012FT SERIES
Tolerance
N
N
M,N
N
M
M
M
M
M
M
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
100kHz,0.1V / 1MHz,0.1V
SPC4012FT470□ZF
47
1.14
0.38
0.35
U
M
100kHz,0.1V / 1MHz,0.1V
SPC4012FTR47□ZF
0.47
1MHz,0.1V
34m
3.50
2.80
6
N
Rated DC Current
ISAT (A)
IRMS (A)
c) Operate temperature range : -40° C to +125° C ( include self temp. rise )
b) IRMS : Based on temperature rise (ΔT : 40°C TYP.)
a) ISAT : Based on inductance change (ΔL/Lo : -30%) @ ambient temp. 25°C
≦
e) Storage condition (component in its packaging)
d) Storage temperature range (on board) : -40° C to +105° C
i) Temperature : -10 to 40° C
ii) Humidity : 60%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com