Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF80IRMPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 31Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 32Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 33Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 34Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 35Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 36Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 37Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 38Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
CLKIN
SYSREF
(1)
1
st SYSREF pulse.
The input clock divider
is reset.
Time > tDLL + 2 x tSYSREF
MASK NCO SYSREF Register Bit
(2)
0
1 (The NCO and LMFC counter of the JESD
interface ignore the SYSREF pulses.)
Mask SYSREF to the NCO after
resetting the NCO phase.
The NCO phase is reset here for
the last time.
Then, the NCO mask is set high to
ignore further SYSREF pulses.
35
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
fS = sampling (device) clock frequency.
(2)
S = samples per frame.
(3)
K = number of frames per multi-frame.
(4)
LCM = least-common multiple.
(5)
D = decimation ratio.
2. SYSREF is applied as a periodic pulse.
Figure 92 shows how SYSREF can be applied as a continuous periodic waveform.
tSYSREF is a period of the SYSREF waveform.
Alternatively, the SYSREF buffer can be powered down using the PDN SYSREF bit.
Figure 92. SYSREF Used as a Periodic Waveform
After applying the SYSREF signal, DLL must be allowed to lock, and the NCO phase and LMFC counter
must be allowed to reset by waiting for at least the tDLL (40 µs) + 2 × tSYSREF time. Then, the SYSREF going
to the NCO and JESD can be masked by setting the MASK NCO SYSREF register bit.
8.3.3.2 Frequency of the SYSREF Signal
When SYSREF is a periodic signal, its frequency is required to be a sub-harmonic of the internal local multi-
frame clock (LMFC) frequency, as described in Equation 1. The LMFC frequency is determined by the selected
decimation, frames per multi-frame setting (K), samples per frame (S), and device input clock frequency.
SYSREF = LMFC / N
where
•
N is an integer value (1, 2, 3, and so forth)
(1)
In order for the interleaving correction engine to synchronize properly, the SYSREF frequency must also be a
multiple of fS / 64. Table 2 provides a summary of the valid LMFC clock settings.
Table 2. . SYSREF and LMFC Clock Frequency
OPERATING MODE
LMFS SETTING
LMFC CLOCK FREQUENCY
SYSREF FRQUENCY
Decimation
Various
fS
(1) / (D × S(2) × K(3))
fS / (N × LCM
(4) (64, D(5) × S × K))
The SYSREF signal is recommended to be a low-frequency signal less than 5 MHz in order to reduce coupling to
the signal path both on the printed circuit board (PCB) as well as internal to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com