Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9751AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9751AST
Description  10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9751AST Datasheet(HTML) 3 Page - Analog Devices

  AD9751AST Datasheet HTML 1Page - Analog Devices AD9751AST Datasheet HTML 2Page - Analog Devices AD9751AST Datasheet HTML 3Page - Analog Devices AD9751AST Datasheet HTML 4Page - Analog Devices AD9751AST Datasheet HTML 5Page - Analog Devices AD9751AST Datasheet HTML 6Page - Analog Devices AD9751AST Datasheet HTML 7Page - Analog Devices AD9751AST Datasheet HTML 8Page - Analog Devices AD9751AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
REV. 0
–3–
AD9751
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, CLKVDD = 3.3 V, IOUTFS = 20 mA,
Differential Transformer Coupled Output, 50
Doubly Terminated, unless otherwise noted.)
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fDAC)
300
MSPS
Output Settling Time (tST) (to 0.1%)
1
11
ns
Output Propagation Delay (tPD)
1
1ns
Glitch Impulse
1
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (90% to 10%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
pA/
√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fDAC = 100 MSPS; fOUT = 1.00 MHz
0 dBFS Output
70
80
dBc
–6 dBFS Output
72
dBc
–12 dBFS Output
72
dBc
fDATA = 65 MSPS; fOUT = 1.1 MHz
2
73
dBc
fDATA = 65 MSPS; fOUT = 5.1 MHz
2
73
dBc
fDATA = 65 MSPS; fOUT = 10.1 MHz
2
72
dBc
fDATA = 65 MSPS; fOUT = 20.1 MHz
2
68
dBc
fDATA = 65 MSPS; fOUT = 30.1 MHz
2
64
dBc
fDAC = 200 MSPS; fOUT = 1.1 MHz
74
dBc
fDAC = 200 MSPS; fOUT = 11.1 MHz
71
dBc
fDAC = 200 MSPS; fOUT = 31.1 MHz
66
dBc
fDAC = 200 MSPS; fOUT = 51.1 MHz
66
dBc
fDAC = 200 MSPS; fOUT = 71.1 MHz
63
dBc
fDAC = 300 MSPS; fOUT = 1.1 MHz
74
dBc
fDAC = 300 MSPS; fOUT = 26.1 MHz
71
dBc
fDAC = 300 MSPS; fOUT = 51.1 MHz
66
dBc
fDAC = 300 MSPS; fOUT = 101.1 MHz
66
dBc
fDAC = 300 MSPS; fOUT = 141.1 MHz
63
dBc
Spurious-Free Dynamic Range within a Window
fDAC = 100 MSPS; fOUT = 1 MHz; 2 MHz Span
0 dBFS
81
91
dBc
fDAC = 65 MSPS; fOUT = 5.02 MHz; 2 MHz Span
81
dBc
fDAC = 150 MSPS; fOUT = 5.04 MHz; 4 MHz Span
81
dBc
Total Harmonic Distortion
fDAC = 100 MSPS; fOUT = 1.00 MHz
0 dBFS
–80
–69
dBc
fDAC = 65 MHz; fOUT = 2.00 MHz
–72
dBc
fDAC = 150 MHz; fOUT = 2.00 MHz
–72
dBc
Multitone Power Ratio (Eight Tones at 110 kHz Spacing)
fDAC = 65 MSPS; fOUT = 2.00 MHz to 2.77 MHz
0 dBFS Output
69
dBc
–6 dBFS Output
67
dBc
–12 dBFS Output
65
dBc
NOTES
1Measured single-ended into 50
Ω load.
2Single-Port Mode (PLL disabled, DIV0 = 1, DIV1 = 0, data on Port 1).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com