Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMCHC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMCHC
Description  LOW JITTER PIN CONFIGURABLE HCSL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCHC Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMCHC Datasheet HTML 1Page - Abracon Corporation ASEMCHC Datasheet HTML 2Page - Abracon Corporation ASEMCHC Datasheet HTML 3Page - Abracon Corporation ASEMCHC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CERTIFIED
TM
MECHANICAL DIMENSIONS
Recommended Land Pattern
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.25.11
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCHC
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE HCSL OUTPUT ULTRA MINIATURE
PURE SILICON SMD CLOCK OSCILLATORS
3.2 x 2.5 x 0.85 mm
ASEMCC
.
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables when low
2
NC
NA
Leave unconnected or grounded
3
NC
NA
Leave unconnected or grounded
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Most significant bit for frequency selection
7
NC
NA
Leave unconnected or grounded
8
Output+
O
Positive HCSL Output
9
Output-
O
Negative HCSL Output
10
NC
NA
Leave unconnected or grounded
11
NC
NA
Leave unconnected or grounded
12
VDD2
Power
Power Supply
13
VDD
Power
Power Supply
14
NC
NA
Leave unconnected or grounded
Dimensions: mm (inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com