Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMDC
Description  LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDC Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMDC Datasheet HTML 1Page - Abracon Corporation ASEMDC Datasheet HTML 2Page - Abracon Corporation ASEMDC Datasheet HTML 3Page - Abracon Corporation ASEMDC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
||| | | | | | | | | | | | |
ASEMDC
LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR ASEMDC
CONFIGURABLE OUTPUT STRENGTH (Tr/Tf)
MECHANICAL DIMENSIONS
Dimensions: mm (inches)
Output (Tr/Tf) are configurable by the control pins OxS1 and OxS0. The combinations are described in the table below.
(O1S1 and O1S0 are for output 1. O2S1 and O2S0 are for output 2)
Output Drive Strength Bits
[O1S1, O1S0], [O2S1, O2S0] - Default [11]
00
01
10
11
Tr (ns)
1.6
1.4
1.2
1.1
Tf (ns)
2.4
2.2
1.5
1.4
Output Drive Strength Bits
[O1S1, O1S0], [O2S1, O2S0] - Default [11]
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables (tri-state) them when low
2
NC
NA
Leave unconnected or grounded
3
O2S0
I
Least significant bit for output drive strength selection for Output 2
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Middle bit for frequency selection
7
FS2
I
Most significant bit for frequency selection
8
Fout1
O
CMOS output 1
9
O1S0
I
Least significant bit for output drive strength selection for output 1
10
O1S1
I
Most significant bit for output drive strength selection for output 1
11
Fout2
O
CMOS output 2
12
VDD2
Power
Power Supply for Output 2
13
VDD
Power
Power Supply
14
O2S1
I
Most significant bit for output drive strength selection for output 2
Recommended Land Pattern
Center pad: NC/GND
Pb RoHS/RoHS II compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com