Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477MM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3477MM
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477MM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3477MM Datasheet HTML 2Page - National Semiconductor (TI) LM3477MM Datasheet HTML 3Page - National Semiconductor (TI) LM3477MM Datasheet HTML 4Page - National Semiconductor (TI) LM3477MM Datasheet HTML 5Page - National Semiconductor (TI) LM3477MM Datasheet HTML 6Page - National Semiconductor (TI) LM3477MM Datasheet HTML 7Page - National Semiconductor (TI) LM3477MM Datasheet HTML 8Page - National Semiconductor (TI) LM3477MM Datasheet HTML 9Page - National Semiconductor (TI) LM3477MM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics (Note 4) (Continued)
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The CB pin must not be higher than 8V above the VSW.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is 200 pF capacitor discharged directly
into each pin.
Note 4: All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
Note 5: For this test, the COMP/SD pin must be left floating.
Note 6: For this test, the COMP/SD pin must be pulled low.
Note 7: The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the feedback voltage. The
overvoltage protection threshold is given by adding the feedback voltage, VFB to the over-voltage protection specification.
Note 8: The COMP/SD pin should be pulled to ground to turn the regulator off. The voltage on the COMP/SD pin must be below the limit for Output = Low to keep
the regulator off.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com