Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV160M Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29LV160M
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160M Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29LV160M Datasheet HTML 17Page - Advanced Micro Devices AM29LV160M Datasheet HTML 18Page - Advanced Micro Devices AM29LV160M Datasheet HTML 19Page - Advanced Micro Devices AM29LV160M Datasheet HTML 20Page - Advanced Micro Devices AM29LV160M Datasheet HTML 21Page - Advanced Micro Devices AM29LV160M Datasheet HTML 22Page - Advanced Micro Devices AM29LV160M Datasheet HTML 23Page - Advanced Micro Devices AM29LV160M Datasheet HTML 24Page - Advanced Micro Devices AM29LV160M Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
August 11, 2003 25974B0
Am29LV160M
19
Prelimin ary
cept that RESET# may be at either VIH or VID. This allows in-system protec-
tion of the SecSi Sector without raising any device pin to a high voltage. Note
that this method is only applicable to the SecSi Sector.
To verify the protect/unprotect status of the SecSi Sector, follow the algo-
rithm shown in Figure 3.
Once the SecSi Sector is programmed, locked and verified, the system must
write the Exit SecSi Sector Region command sequence to return to reading and
writing within the remainder of the array.
Factory Locked: SecSi Sector Programmed and Protected At the
Factory
In devices with an ESN, the SecSi Sector is protected when the device is shipped
from the factory. The SecSi Sector cannot be modified in any way. An ESN Fac-
tory Locked device has a 16-byte random ESN at addresses 000000h–000007h.
Please contact your local sales office or representative for details on ordering ESN
Factory Locked devices.
Customers may opt to have their code programmed by the manufacturer
through the ExpressFlash service (Express Flash Factory Locked). The devices
are then shipped from the factory with the SecSi Sector permanently locked.
Contact an sales office or representative for details on using the ExpressFlash
service.
Figure 3. SecSi Sector Protect Verify
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1 ms
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com