Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3477AMM
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477AMM Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3477AMM Datasheet HTML 15Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 16Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 17Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 18Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 19Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 20Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 21Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 22Page - National Semiconductor (TI) LM3477AMM Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Compensation (Continued)
The strategy taken here for choosing R
c and CC1 is to set the
crossover frequency with R
c, and set the compensator zero
with C
C1. Using the selected target crossover frequency, fC,
set R
C to:
f
C = Crossover frequency in Hertz (20kHz - 50kHz is recom-
mended)
R
GM = 50x10
3
Ω
GM = 1000x10
−6 A/V
The compensator zero, f
Z1, is set with CC1. When fast tran-
sient responses are desired, f
Z1 should be placed as high as
possible, however it should not be higher than the selected
crossover frequency f
C. The guideline proposed here is to
choose C
C1 such that fZ1 falls somewhere between the
power pole f
P1 and
1
⁄2 decade before the selected crossover
frequency fc:
In this compensation scheme, the pole created by C
C2 is
used to cancel out the zero created by the ESR of the output
capacitor. In other schemes such as the methods discussed
in the SAMPLING POLE QUALITY FACTOR subsection, the
ESR zero is used. For the typical case, use C
C2 if:
Plotting the Open Loop Response
The open loop response is expressed as:
T= A
DC xACM xHxFp(s)xFc(s)
Where A
DC and H are given above and
A
CM = GMxRGM
One can plot the magnitude and phase of the open loop
response to analyze the frequency response.
Example: Compensation Design
4.5V
≤ V
IN
≤ 5.5V
V
OUT = 2.5V
I
OUT = 3A (R = 0.83
Ω)
R
SN = 0.02
Ω
L = 3.3µH
R
SL =0
Ω
C
OUT = 100µF
R
ESR = 0.01
Ω
First, calculate the power stage parameters using V
IN(MIN)
and R
(MAX):
In this example, a crossover frequency of 20kHz is chosen,
so: f
C = 20000. RC is now calculated using the power stage
information and the target crossover frequency f
C:
This sets the high frequency gain of the compensator such
that a crossover frequency of f
C is obtained. The capacitor
C
C1 sets the compensator zero, fZ2. Set fZ2 between the
power pole f
P1 and the
1
⁄2 decade before the target cross-
over frequency f
C:
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com