Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3488 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3488 Datasheet HTML 9Page - National Semiconductor (TI) LM3488 Datasheet HTML 10Page - National Semiconductor (TI) LM3488 Datasheet HTML 11Page - National Semiconductor (TI) LM3488 Datasheet HTML 12Page - National Semiconductor (TI) LM3488 Datasheet HTML 13Page - National Semiconductor (TI) LM3488 Datasheet HTML 14Page - National Semiconductor (TI) LM3488 Datasheet HTML 15Page - National Semiconductor (TI) LM3488 Datasheet HTML 16Page - National Semiconductor (TI) LM3488 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Functional Description (Continued)
FREQUENCY
ADJUST/SYNCHRONIZATION/SHUTDOWN
The switching frequency of LM3488 can be adjusted be-
tween 100kHz and 1MHz using a single external resistor.
This resistor must be connected between FA/SYNC/SD pin
and ground, as shown in Figure 6. Please refer to the typical
performance characteristics to determine the value of the
resistor required for a desired switching frequency.
The LM3488 can be synchronized to an external clock. The
external clock must be connected to the FA/SYNC/SD pin
through a resistor, R
SYNC as shown in Figure 7. The value of
this resistor is dependent on the off time of the synchroniza-
tion pulse, T
OFF(SYNC). Table 1 shows the range of resistors
to be used for a given T
OFF(SYNC).
TABLE 1.
T
OFF(SYNC) (µsec)
R
SYNC range (k
Ω)
1
5 to 13
2
20to40
3
40to65
10138813
FIGURE 4. Increasing the Slope of the Compensation Ramp
10138851
FIGURE 5.
∆V
SL vs RSL
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com