Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1806G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1806G-SH2-R
Description  With internal Soft-Start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1806G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1806G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 6Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1806
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-063.b
3A, ULTRA LOW DROPOUT
(0.23V@3A) LINEAR
REGULATOR
DESCRIPTION
The UTC L1806 is a typical LDO with the features of very low
dropout voltage as low as 0.23V at output current 3A.
For normal operation, two supply voltages are necessary. One
called control voltage from other equipment can shutdown the
output voltage and it should pull and hold the voltage of EN pin less
than 0.5V. Another one is the main supply voltage whose purpose is
for main power conversion, to keep the power dissipation low, and
to make the dropout voltage lower.
Internally, in the UTC L1806, there’re many functions which
can be seen in the block figure to prevent the IC from being
damaged. Internal Power-On-Reset (POR) circuit can control the
two supply voltages to prevent fault operations of the circuit; the
thermal shutdown circuit is able to protect the device from over
thermal operation, and a current limit function will keep the device
work safely under current over-loads.
The UTC L1806 can be used as an ideal to provide well supply
voltage in the applications, such as front-side-bus termination on
motherboard, NB applications, front side bus VTT (1.2V/3A) and
note book PC applications.
FEATURES
* Low Dropout VD=0.23V(typ.)@ IOUT=3A
* Low ESR Output Capacitor
* VREF=0.8V
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR(Power-On-Reset) controlling VCNTL and VIN
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* Low Shutdown Quiescent Current (<30 uA)
* Shutdown/Enable Control Function
ORDERING INFORMATION
Ordering Number
Package
Packing
L1806G-SH2-R
HSOP-8
Tape Reel
L1806G-K10-3030-R
DFN-10(3×3)
Tape Reel


Similar Part No. - L1806G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
227Kb / 7P
3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - L1806G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V 1.0
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V5.0
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Taiwan Semiconductor Co...
TS9230CSRLG TSC-TS9230CSRLG Datasheet
101Kb / 2P
3A Ultra Low Dropout Voltage Regulator Internal Soft-Start
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
internal soft-start function
logo
Unisonic Technologies
UD05202G-SH2-R UTC-UD05202G-SH2-R Datasheet
133Kb / 4P
Internal soft-start limits the inrush current
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
Internal soft-start and enable
03-Mar-2016
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
1A LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com