Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5109G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5109G-AG6-R
Description  Inherently Uniform LED Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5109G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L5109G-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5109
Advance
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-038.a
WHITE LED STEP-UP
CONVERTER
DESCRIPTION
The UTC L5109 is an inductor-based DC/DC converter
designed to drive up to six white LEDs in series or 2 rows of
LEDs with 5 for each in parallel for backlight. Only one feedback
resistor is needed to control the LED current and obtain required
brightness.
FEATURES
* Inherently Uniform LED Current
* High Efficiency up to 83.5%
* No Need for External Schottky Diode
* Over Output Voltage Protection
* OVP
* 1.2MHz Switching Frequency
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
L5109G-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - L5109G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L5109 TI1-L5109 Datasheet
1Mb / 24P
High Voltage 1-A Peak Half-Bridge Gate Driver
More results

Similar Description - L5109G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
logo
Lite-On Technology Corp...
LTS-5503AE LITEON-LTS-5503AE Datasheet
786Kb / 5P
Continuous uniform segments
LTD-4708JS LITEON-LTD-4708JS Datasheet
148Kb / 5P
CONTINUOUS UNIFORM SEGMENTS
LTD-5723AY LITEON-LTD-5723AY Datasheet
786Kb / 5P
Continuous uniform segments
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
Inherently non-inductive
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
Uniform light disbursement
logo
Taiwan Semiconductor Co...
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
Inherently Matched LED Current
logo
Everlight Electronics C...
EALP03SXABA0 EVERLIGHT-EALP03SXABA0 Datasheet
501Kb / 13P
Uniform color.
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com