Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1111G-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-072.a
FUNCTION DESCRIPTION
Power-On-Reset (POR)
The UTC LC1111 monitors the VCC pin voltage (VCC) for power-on-reset function to prevent wrong operation.
The built-in POR circuit keeps the output shutting off until internal circuit is operating properly. Typical POR threshold
is 4.0V with 0.4V hysteresis.
Soft-Start
The UTC LC1111 provides an adjustable soft-start circuitry to control rise rate of the output voltage and limit the
current surge during start-up. The soft-start time is set with a capacitor from the SS pin to the ground. The capacitor
is charged to VP with a constant 4.5mA (typ.) current source.
Under-Voltage Protection (UVP)
The UTC LC1111 monitors the voltage on FB. When the voltage on FB falls below the under-voltage threshold,
the UVP circuit shuts off the output voltage immediately by pulling down DRV to 0V and latches UTC LC1111off,
requiring either a VCC POR or EN re-enable again to restart. The UTC LC1111 UVP is activated after VOUT voltage
has reached 90% POK threshold while the UTC LC1111 UVP is activated after VCC has been applied to VCC pin.
Enable Control
The UTC LC1111 has a dedicated enable pin (EN). A logic low signal applied to this pin shuts down the output.
Following a shutdown, a logic high signal re-enables the output through initiation of a new soft-start cycle. It’s not
necessary to use an external transistor to save cost.
Power-OK and Delay
The UTC LC1111 indicates the status of the output voltage by monitoring the feedback voltage (VFB) on FB pin.
As the VFB rises and reaches the rising Power-OK voltage threshold (VPOKTH), an internal delay function starts to
work. At the end of the delay time, the IC turns off the internal NMOS of the POK to indicate that the output is ok. As
the VFB falls and reaches the falling Power-OK voltage threshold, the IC turns on the NMOS of the POK (after a
debounce time of 5ms typical).
Output Voltage Regulation
The UTC LC1111 is a linear regulator controller. An external N-channel MOSFET should be connected to DRV
as the pass element. The output voltage set by the resistor divider is determined by:
)
2
R
1
R
+
1
8
.
0
=
VOUT
Where R1 is connected from VOUT to FB and R2 is connected from FB to GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com