Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM39102G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM39102G-SH2-R
Description  Reversed-battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM39102G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM39102G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM39102G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM39102G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM39102G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM39102G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM39102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-060.c
ELECTRICAL CHARACTERISTICS
(VIN=VOUT+1V, VEN=2.25V, TJ=25°C, bold values indicate 0°C≤TJ≤+125°C, unless noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10mA
-1
1
%
Output Voltage
VOUT
10mA≤IOUT≤1A, VOUT+1V≤VIN≤8V
-2
2
%
Line Regulation
IOUT=10mA, VOUT+1V≤VIN≤16V
0.06
0.5
%
Load Regulation
VIN=VOUT+1V, 10mA≤IOUT≤1A
0.2
1
%
Output Voltage Temperature
Coefficient (Note 1)
∆VOUT/∆T
40
100 ppm/°C
150
200
mV
IOUT=100mA, ∆VOUT=-1%
250
mV
IOUT=500mA, ∆VOUT=-1%
275
mV
IOUT=750mA, ∆VOUT=-1%
330
500
mV
410
550
mV
Dropout Voltage (Note 2)
VDO
IOUT=1A, ∆VOUT=-1%
630
mV
IOUT=100mA, VIN=VOUT+1V
700
µA
IOUT=500mA, VIN=VOUT+1V
4
mA
IOUT=750mA, VIN=VOUT+1V
7
mA
Ground Current (Note 3)
IGND
IOUT=1A, VIN=VOUT+1V
12
20
mA
Current Limit
IOUT(lim)
VOUT=0V, VIN=VOUT+1V
1.8
2.5
A
Enable Input
Logic Low (Off)
0.8
V
Enable Input Voltage
VEN
Logic High (On)
2.25
V
1
15
30
µA
VEN=2.25V
75
µA
2
µA
Enable Input Current
IEN
VEN=0.8V
4
µA
1.228 1.240 1.252
V
1.215
1.265
V
Reference Voltage
Note 4
1.203
1.277
V
40
80
nA
Adjust Pin Bias Current
120
nA
Reference Voltage Temperature
Coefficient (Note 1)
20
ppm/°C
Adjust Pin Bias Current
Temperature Coefficient
0.1
99.2
nA/°C
Notes: 1. Output voltage temperature coefficient is ∆VOUT(worst case)+(TJ(max)-TJ(min)) where TJ(max) is +125°C and TJ(min)
is 0°C.
2. VDO=VIN-VOUT when VOUT decreases to 99% of its nominal output voltage with VIN=VOUT+1V. For output
voltages below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input
voltage being 2.25V. Minimum input operating voltage is 2.25V.
3. IGND is the quiescent current. IIN=IGND+IOUT.
4. VREF≤VOUT≤(VIN-1V), 2.25V≤VIN≤16V, 10mA≤IL≤1A.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com