Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1803G-xx-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1803G-xx-AF5-R
Description  The reverse current protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1803G-xx-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1803G-xx-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1803G-xx-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR1803
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-081.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.5
V
Output Voltage
VOUT
6.5
V
CE Input Voltage
VCE
6.5
V
SOT-25
250
mW
Power Dissipation
SOT-89-5
PD
500
mW
Operating Ambient Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT(E)
1
VCE=VIN, IOUT=10mA
×0.985 VOUT(T) ×1.015
V
Output Current
IOUTMAX
1
VCE=VIN, VIN=VOUT(T)+1.0V
700
mA
Load Regulation
∆VOUT
1
VCE=VIN, 0.1mA≤IOUT≤300mA
-20
5
20
mV
Dropout Voltage
Vdif
1
IOUT=300mA, VCE=VIN
120
300
mV
Supply Current
ISS
2
VIN=VCE=VOUT(T)+1.0V, IOUT=0mA
100
200
μA
Stand-by Current
ISTBY
2
VIN=6.0V, VCE=VSS
0.3
1.5
μA
Line Regulation
∆VOUT/
(∆VIN · VOUT)
1
VOUT(T)+0.5V≤VIN≤6.0V
VCE=VIN, IOUT=30mA
0.01
0.1
%/V
Input Voltage
VIN
1
6.0
V
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆TA · VOUT)
1
VCE=VIN, IOUT=30mA
-40°C≤TA≤85°C
±100
ppm
/°C
Power Supply
Rejection Ratio
PSRR
3
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
65
dB
Limit Current
ILIM
1
VCE=VIN, VIN=VOUT(T)+1.0V
720
950
mA
Short Current
Ishort
1
VCE=VIN, Short VOUT to VSS Level
450
mA
CE High Level Voltage
VCEH
1
1.5
V
CE Low Level Voltage
VCEL
1
0.3
V
CE High Level Current
ICEH
1
VCE=VIN=6.0V
2.0
μA
CE Low Level Current
ICEL
1
VCE=VSS
-0.1
0.1
μA
Reverse Current
IREV
1
VIN=0V, VOUT=6.0V
0.3
μA
VOUT Pin Sink Current
IREVS
1
VIN=5.0V, VOUT=6.0V
0.3
μA
Thermal Shutdown
Detect Temperature
TTSD
1
Junction Temperature
150
°C
Thermal Shutdown
Release Temperature
TTSR
1
Junction Temperature
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com