Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB0240 Datasheet(PDF) 2 Page - Anachip Corp

Part # ASB0240
Description  SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ASB0240 Datasheet(HTML) 2 Page - Anachip Corp

  ASB0240 Datasheet HTML 1Page - Anachip Corp ASB0240 Datasheet HTML 2Page - Anachip Corp ASB0240 Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASB0240
SMD Schottky Barrier Diode
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 2, 2004
2/3
Maximum Rating (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
Repetitive peak reverse voltage
-
-
45
V
VR
Reverse voltage
-
-
40
V
IO
Average forward current
-
-
200
mA
0603
-
2000
-
IFSM
Forward current,
surge peak
1005
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
-
3000
-
mA
0603
-
-
150
PD
Power Dissipation
1005
-
-
250
mW
TSTG
Storage temperature
-40
-
+125
ºC
Tj
Junction temperature
-40
-
+125
ºC
Electrical Characteristics (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Forward voltage
IF=200mADC
-
0.45
0.55
V
IR
Reverse current
VR=10V
-
-
1
µA
CT
Capacitance between
terminals
F=1MHz, and 10 VDC reverse
voltage
-
9
-
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com