Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52-16PC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 17Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 18Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 19Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 20Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 21Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 22Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 23Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 24Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
AT89LS52
2601A–12/01
Program
Memory
Lock Bits
The AT89LS52 has three lock bits that can be left unprogrammed (U) or can be programmed
(P) to obtain the additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during
reset. If the device is powered up without a reset, the latch initializes to a random value and
holds that value until reset is activated. The latched value of EA must agree with the current
logic level at that pin in order for the device to function properly.
Programming
the Flash –
Parallel Mode
The AT89LS52 is shipped with the on-chip Flash memory array ready to be programmed. The
programming interface needs a high-voltage (12-volt) program enable signal and is compati-
ble with conventional third-party Flash or EPROM programmers.
The AT89LS52 code memory array is programmed byte-by-byte.
Programming Algorithm: Before programming the AT89LS52, the address, data, and control
signals should be set up according to the Flash programming mode table and Figures 13 and
14. To program the AT89LS52, take the following steps:
1.
Input the desired memory location on the address lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/V
PP to 12V.
5.
Pulse ALE/PROG once to program a byte in the Flash array or the lock bits. The byte-
write cycle is self-timed and typically takes no more than 50 µs. Repeat steps 1
through 5, changing the address and data for the entire array or until the end of the
object file is reached.
Data Polling: The AT89LS52 features Data Polling to indicate the end of a byte write cycle.
During a write cycle, an attempted read of the last byte written will result in the complement of
the written data on P0.7. Once the write cycle has been completed, true data is valid on all out-
puts, and the next cycle may begin. Data Polling may begin any time after a write cycle has
been initiated.
Ready/Busy: The progress of byte programming can also be monitored by the RDY/BSY out-
put signal. P3.0 is pulled low after ALE goes high during programming to indicate BUSY. P3.0
is pulled high again when programming is done to indicate READY.
Program Verify: If lock bits LB1 and LB2 have not been programmed, the programmed code
data can be read back via the address and data lines for verification. The status of the individ-
ual lock bits can be verified directly by reading them back.
Table 9. Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2
P
U
U
MOVC instructions executed from external program memory are
disabled from fetching code bytes from internal memory, EA is
sampled and latched on reset, and further programming of the
Flash memory is disabled
3
P
P
U
Same as mode 2, but verify is also disabled
4
P
P
P
Same as mode 3, but external execution is also disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com