Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C500033 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # B40C500033
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

B40C500033 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  B40C500033 Datasheet HTML 1Page - DIOTEC Electronics Corporation B40C500033 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
1
11.02.2003
B…C 5000-3300
Silicon-Bridge Rectifiers
Silizium-Brückengleichrichter
Nominal current – Nennstrom
5 A / 3.3 A
Alternating input voltage
40…500 V
Eingangswechselspannung
Plastic case
32 x 5.6 x 17 [mm]
Kunststoffgehäuse
Weight approx. – Gewicht ca.
9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
Dimensions / Maße in mm
Mounting clamp BO 2
see page 28
Befestigungsschelle BO 2
see page 28
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Alternating input voltage
Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
B40C 5000-3300
40
80
B80C 5000-3300
80
160
B125C 5000-3300
125
250
B250C 5000-3300
250
600
B380C 5000-3300
380
800
B500C 5000-3300
500
1000
Repetitive peak forward current
f > 15 Hz
I
FRM
30 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
150 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
110 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Similar Part No. - B40C500033

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
45Kb / 3P
5.0A BRIDGE RECTIFIER
logo
Dc Components
B40C5000 DCCOM-B40C5000 Datasheet
239Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
47Kb / 4P
5.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
B40C5000 DIOTEC-B40C5000 Datasheet
161Kb / 2P
Single Phase Bridge Rectifier
logo
Semikron International
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
198Kb / 2P
Silicon-Bridge Rectifiers
More results

Similar Description - B40C500033

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com