Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6901F Datasheet(PDF) 3 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 3 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BA6901F
Motor driver ICs
3/10
!
Input / output truth circuit
Hall input
VCC
H
+
H
−
Current limit input
PWM input
VCC
CS
CL
VCC
VREG
PWM
30k
Ω
(Typ.)
6.75k
Ω
(Typ.)
20k
Ω
(Typ.)
1.42V
(Typ.)
Output
Charge-discharge pulse output
VCC
A1,A2
VCC
TOUT
Signal output
HO,AL,ALB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com