Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM80 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BAM80
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BAM80 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BAM80 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
35
V
BVCES
IC = 20 mA
60
V
BVEBO
IE = 5.0 mA
4.0
V
ICBO
VCB = 30 V
2.0
mA
ICES
VCE = 30 V
TC = 125
OC
10
mA
hFE
VCE = 5.0 V
IC = 500 mA
5.0
---
---
Ccb
VCB = 28 V
f = 1.0 MHz
75
pF
PG
ηηηη
C
VSWR
VCE = 13.5 V
POUT =20 W
f = 150 MHz
6.0
30:1
65
dB
%
---
NPN SILICON RF POWER TRANSISTOR
BAM80
DESCRIPTION:
The
ASI BAM80 is Designed for VHF
AM power amplifier Applications in the
range of 100 to 150 MHz.
FEATURES:
• Common Emitter
• P
G = 6.0 dB at 20 W/150 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
8.5 A
VCES
60 V
VCEO
35 V
VEBO
4.0 V
PDISS
85 W
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
2.0 °C/W
PACKAGE STYLE .380 4L STUD
MINIMUM
inches / mm
.004 / 0.10
.370 / 9.40
.320 / 8.13
B
C
D
E
F
G
A
M AXIMUM
.385 / 9.78
.330 / 8.38
.130 / 3.30
.007 / 0.18
inches / mm
H
.090 / 2.29
.100 / 2.54
DIM
.220 / 5.59
.230 / 5.84
.490 / 12.45
.450 / 11.43
I
J
.155 / 3.94
.175 / 4.45
.750 / 19.05
.980 / 24.89
.100 / 2.54
E
F
D
ØC
B
.112x45°
G
H
J
I
A
#8-32 UNC-2A
C
B
E
E


Similar Part No. - BAM80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAM-1020 ETC2-BAM-1020 Datasheet
1Mb / 4P
Fast and easy field audits using common FRM audit tools
logo
Banner Engineering Corp...
BAM.442PM600 BANNER-BAM.442PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
BAM.442PM900 BANNER-BAM.442PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
BAM.442PMXX BANNER-BAM.442PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
BAM.442PXX BANNER-BAM.442PXX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - BAM80

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com