Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD3814FV Datasheet(PDF) 2 Page - Rohm

Part # BD3814FV
Description  High- performance 5.1ch electronic volume
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3814FV Datasheet(HTML) 2 Page - Rohm

  BD3814FV Datasheet HTML 1Page - Rohm BD3814FV Datasheet HTML 2Page - Rohm BD3814FV Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD3814FV
Audio ICS
2/2
!
!
!
!Electrical characteristic curves
(Unless otherwise noted : Ta=25
°C, VCC=7V, VEE=1Vrms, f=1kHz, VIN=1Vrms, RL=10kΩ, Rg=600Ω,
Master volume=0dB, Bass and Treble=0dB)
mA
No signal
−
IQ
7
17
Symbol
Pin39
Pin20
Min.
Max.
Unit
Conditions
Typ.
Parameter
dB
Measure : Pin27,28,29,30,31,32
Measure : Pin27,28,29,30,31,32
−2
Gv
0
2
%
Measure : Pin27,28,29,30,31,32,BW=400~30kHz
−
THD
0.001
0.03
Vrms
Measure : Pin27,28,29,30,31,32,THD=1%
Measure : Pin27,28, f=15kHz, VIN=0.4Vrms
Measure : Pin27,28, f=100Hz, VIN=0.4Vrms
3.6
Vomax
4.3
−
µVrms
Measure : Pin27,28,Tone:By-pass, Rg=0
Ω, BW=IHF-A
Measure : Pin27,28, Tone:ON,
Rg=0
Ω, BW=IHF
−A
Measure : Pin27,28, Tone:By-pass,
Rg=0
Ω, BW=IHF
−A
−
Vno
Vnom
1.0
6.0
dB
−
CTCRC
1.7
10
k
Ω
Measure : Pin27,28 (OUTFL) Rg=0
Ω,
BW=IHF
−A, Reference : Pin28 (OUTFR)=1Vrms
Measure : Pin27,28,29,30,31,32, VIN=3Vrms,
BW=IHF
−A
−
RinV
−95
−80
Vmin
GTB
GBB
−
−115
−105
dB
14
20
26
µVrms
−
1.0
6.0
dB
12
14
16
dB
12
14
16
Circuit current
Output voltage gain
Total harmonic distortion ratio
Maximum output voltage
Output noise voltage
Cross-talk between channels
Input impedance V
Maximum attenuation
Residual noise voltage
Treble maximum boost gain
Bass maximum boost gain
!
!
!
!Application Circuit
47k
−
1
2
3
4
5
6
7
8
9
10
12
11
10
µ
IN
SW
IN
SR
IN
SL
IN
CL
DA
MUTE
10K
MASTER
VOLUME
0
∼−95dB
1dB/step, MUTE
OUTSW
OUTSR
OUTSL
OUTC
OUTFR
OUTFL
IN
FL
IN
FR
Vcc
VEE
47k
4.7k
Ri=20k
Ri=20k
Ri=20k
Ri=20k
Ri=20k
Ri=20k
+
10
µ
+
14
13
10
µ
+
15
10
µ
+
16
17
10
µ
+
18
19
10
µ
47
µ
20
21
+
47
µ
4700p
0.1
µ
0.1
µ
22
4700p
TREBLE
BASS
24
23
4.7k
0.1
µ
0.1
µ
26
27
28
29
30
31
32
34
35
10K
36
10K
37
33
40
39
38
25
BD3814FV
+
− +



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com