Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3620 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3620
Description  Lithium-Ion Battery Charger Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3620 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3620 Datasheet HTML 1Page - National Semiconductor (TI) LM3620 Datasheet HTML 2Page - National Semiconductor (TI) LM3620 Datasheet HTML 3Page - National Semiconductor (TI) LM3620 Datasheet HTML 4Page - National Semiconductor (TI) LM3620 Datasheet HTML 5Page - National Semiconductor (TI) LM3620 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM3620
Lithium-Ion Battery Charger Controller
General Description
The LM3620 series of controllers are monolithic integrated
circuits designed to control the charging and end-of-charge
control for lithium-ion rechargeable batteries. The LM3620 is
available in two versions for one or two cell charger applica-
tions. Each version provides the option of selecting the ap-
propriate termination voltage for either coke or graphite an-
ode lithium cells.
The LM3620 can operate from a wide range of DC input
sources (4V to 30V). With no charger supply connected, the
controller draws a quiescent current of only 10nA to minimize
discharging of a connected battery pack.
The LM3620 consists of an operational transconductance
amplifier, a bandgap voltage reference, a NPN driver transis-
tor and precision voltage setting resistors. The output of the
amplifier is made available to drive an external power tran-
sistor if higher drive currents are required.
With a trimmed output voltage regulation of ±1.2% initial ac-
curacy, the LM3620 provides a simple, precise solution for
end-of-charge control of lithium-ion rechargeable cells.
The LM3620 is packaged in a miniature 5-lead SOT-23 sur-
face mount package for very compact designs.
Features
n Voltage options for charging 1 or 2 cell stacks
n Adjustable output voltage for coke or graphite anodes
n Precision end-of-charge voltage control
n Wide input voltage range (4V to 30V)
n Low off state current (<10nA)
n Drive provided for external power stage
n Tiny SOT-23 package
Typical Application
DS100841-10
June 1999
© 1999 National Semiconductor Corporation
DS100841
www.national.com


Similar Part No. - LM3620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
Single Cell Lithium-Ion Battery Charger Controller
LM3621M NSC-LM3621M Datasheet
334Kb / 14P
Single Cell Lithium-Ion Battery Charger Controller
LM3621M-3.0 NSC-LM3621M-3.0 Datasheet
334Kb / 14P
Single Cell Lithium-Ion Battery Charger Controller
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
More results

Similar Description - LM3620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com