Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 5 Page - Microchip Technology

  TC1413 Datasheet HTML 1Page - Microchip Technology TC1413 Datasheet HTML 2Page - Microchip Technology TC1413 Datasheet HTML 3Page - Microchip Technology TC1413 Datasheet HTML 4Page - Microchip Technology TC1413 Datasheet HTML 5Page - Microchip Technology TC1413 Datasheet HTML 6Page - Microchip Technology TC1413 Datasheet HTML 7Page - Microchip Technology TC1413 Datasheet HTML 8Page - Microchip Technology TC1413 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001392E-page 5
TC1413/TC1413N
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, over operating temperature range with 4.5V
 VDD  16V.
FIGURE 2-1:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-2:
Input Threshold vs. Supply
Voltage.
FIGURE 2-3:
High State Output
Resistance vs. Supply Voltage.
FIGURE 2-4:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-5:
Input Threshold vs.
Temperature.
FIGURE 2-6:
Low State Output
Resistance vs. Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
100
200
300
400
500
16
14
12
10
8
6
4
VIN = 3V
VIN = 0V
TA = +25°C
VDD (V)
VDD (V)
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
VIH
VIL
TA = +25°C
VDD (V)
1
2
3
4
5
6
7
8
9
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
0
100
200
300
400
500
VIN = 3V
VIN = 0V
VSUPPLY = 16V
-40
-20
0
20
40
60
80
1.1
1.2
1.3
1.4
1.5
1.6
VSUPPLY = 16V
TEMPERATURE (
°C)
VIH
VIL
VDD (V)
1
2
3
4
5
6
7
8
9
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com