Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1232 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1232
Description  Microprocessor Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232 Datasheet(HTML) 1 Page - Microchip Technology

  TC1232 Datasheet HTML 1Page - Microchip Technology TC1232 Datasheet HTML 2Page - Microchip Technology TC1232 Datasheet HTML 3Page - Microchip Technology TC1232 Datasheet HTML 4Page - Microchip Technology TC1232 Datasheet HTML 5Page - Microchip Technology TC1232 Datasheet HTML 6Page - Microchip Technology TC1232 Datasheet HTML 7Page - Microchip Technology TC1232 Datasheet HTML 8Page - Microchip Technology TC1232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2002-2014 Microchip Technology Inc.
DS20001370E-page 1
TC1232
Features:
• Precision Voltage Monitor:
- Adjustable +4.5V or +4.75V
• Reset Pulse Width – 250 ms minimum
• No External Components
• Adjustable Watchdog Timer:
- 150 ms, 600 ms or 1.2s
• Operating Voltage 4.0V to 5.5V
• Debounced Manual Reset Input for External
Override
Block Diagram
General Description:
The TC1232 is a fully-integrated processor supervisor
that provides three important functions to safeguard
processor sanity: precision power on/off Reset control,
Watchdog Timer and external Reset override.
On power-up, the TC1232 holds the processor in the
Reset state for a minimum of 250 ms after VCC is within
tolerance to ensure a stable system start-up.
Microprocessor sanity is monitored by the on-board
watchdog circuit. The microprocessor must provide a
periodic low-going signal on the ST input. Should the
processor fail to supply this signal within the selected
time-out period (150 ms, 600 ms or 1200 ms), an out-
of-control processor is indicated and the TC1232
issues a processor Reset as a result.
The outputs of the TC1232 are immediately driven
active when the PB input is brought low by an external
push button switch or other electronic signal. When
connected to a push button switch, the TC1232
provides contact debounce.
The TC1232 is packaged in a space-saving 8-Pin PDIP
or SOIC package, a 16-Pin SOIC (wide) package and
requires no external components.
Package Types
Device Features
+
–
VREF
+
+
–
RST
RST
Tolerance
Select
(5% or 10%)
TOL
VCC
Debounce
Watchdog
Timebase
Select
PB RST
TD
Watchdog
Timer
ST
Reset
Generator
Device
RST pin
RST pin
Trip Points
(Max)
Minimum
Reset
Active Time
(ms)
WDI Input
Typical
Timeouts (ms)
MR
Input
Type
Pull-up
Resistor
Active
Level
Type
Active
Level
TC1232
Open-drain
External
Low
Push-pull
High
4.75V
or 4.5V
250
150, 600 or
1200
Yes
13
12
11
10
9
15
14
18
27
36
4
5
TC1232
RST
RST
GND
TOL
TD
PB RST
RST
ST
VCC
RST
ST
18
27
36
45
RST
GND
TOL
TD
PB RST
RST
ST
VCC
PB RST
VCC
1
2
3
4
5
6
7
8
16
NC
TD
NC
NC
TOL
GND
NC
NC
NC
TC1232
NC
NC
16-Pin SOIC (Wide)
8-Pin PDIP
8-Pin SOIC
TC1232
18
36
45
TC1232
Microprocessor Monitor


Similar Part No. - TC1232

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
Microprocessor Monitor
2005
logo
TelCom Semiconductor, I...
TC1232COA TELCOM-TC1232COA Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232COA MICROCHIP-TC1232COA Datasheet
282Kb / 20P
Microprocessor Monitor
2002-2012 10/26/12
TC1232COA713 MICROCHIP-TC1232COA713 Datasheet
282Kb / 20P
Microprocessor Monitor
2002-2012 10/26/12
More results

Similar Description - TC1232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
Microprocessor Monitor
2005
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
Microprocessor Monitor
2002-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com