Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF6401B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 17Page - Microchip Technology SST39VF6401B Datasheet HTML 18Page - Microchip Technology SST39VF6401B Datasheet HTML 19Page - Microchip Technology SST39VF6401B Datasheet HTML 20Page - Microchip Technology SST39VF6401B Datasheet HTML 21Page - Microchip Technology SST39VF6401B Datasheet HTML 22Page - Microchip Technology SST39VF6401B Datasheet HTML 23Page - Microchip Technology SST39VF6401B Datasheet HTML 24Page - Microchip Technology SST39VF6401B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
©2015
DS20005008B
08/15
21
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Figure 7: Toggle Bits Timing Diagram
Figure 8: WE# Controlled Chip-Erase Timing Diagram
1288 F07.0
ADDRESS AMS-0
DQ6 and DQ2
WE#
OE#
CE#
TOE
TOEH
TCE
TOES
TWO READ CYCLES
WITH SAME OUTPUTS
Note: AMS = Most significant address
AMS = A21 for SST39VF640xB
1288 F08.0
ADDRESS AMS-0
DQ15-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
555
2AA
2AA
555
555
XX55
XX10
XX55
XXAA
XX80
XXAA
555
OE#
CE#
SIX-BYTE CODE FOR CHIP-ERASE
TSCE
TWP
Note: This device also supports CE# controlled Chip-Erase operation The WE# and CE# signals are
interchangeable as long as minimum timings are met. (See Table 17)
AMS = Most significant address
AMS = A21 for SST39VF640xB
WP# must be held in proper logic state (VIL or VIH) 1 µs prior to and 1 µs after the command sequence.
X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com